Part Number Hot Search : 
2SB798 DFC10E C15CA RS103 MCF54 PS222 CGD914MI C4054
Product Description
Full Text Search
 

To Download 74HCT4052PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4052; 74hct4052 is a high-speed si-g ate cmos device and is pin compatible with the hef4052b. the device is specified in compliance with jedec standard no. 7a. the 74hc4052; 74hct4052 is a dual 4-chan nel analog multiplexe r/demultiplexer with common select logic. each mult iplexer has four independent inputs/outputs (pins ny0 to ny3) and a common input/output (pin nz). the common channel select logics include two digital select inputs (pins s0 and s1) and an active low enable input (pin e ). when pin e = low, one of the four switches is select ed (low-impedance on-state) with pins s0 and s1. when pin e = high, all switches are in the high-impedance off-state, independent of pins s0 and s1. v cc and gnd are the supply voltage pins for t he digital control inputs (pins s0, s1 and e ). the v cc to gnd ranges are 2.0 v to 10.0 v for the 74hc4052 and 4.5 v to 5.5 v for the 74hct4052. the analog inputs/outputs (pins ny0 to ny3 and nz) can swing between v cc as a positive limit and v ee as a negative limit. v cc ? v ee may not exceed 10.0 v. for operation as a digital mu ltiplexer/demu ltiplexer, v ee is connected to gnd (typically ground). 2. features and benefits ? wide analog input voltage range from ? 5 v to +5 v ? low on resistance: ? 80 (typical) at v cc ? v ee =4.5v ? 70 (typical) at v cc ? v ee =6.0v ? 60 (typical) at v cc ? v ee =9.0v ? logic level translation: to enabl e 5 v logic to communicate with 5 v analog signals ? typical ?break before make? built-in ? complies with jedec standard no. 7a ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? specified from ? 40 cto +85 c and ? 40 cto +125 c 3. applications ? analog multiplexing and demultiplexing ? digital multiplexing and demultiplexing ? signal gating 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer rev. 8 ? 11 may 2011 product data sheet
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 2 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 4. ordering information 5. functional diagram table 1. ordering information type number package temperature range name description version 74hc4052 74hc4052d ? 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74hc4052db ? 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74hc4052n ? 40 c to +125 c dip16 plastic dual in-line package; 16 leads (300 mil) sot38-4 74hc4052pw ? 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74hc4052bq ? 40 c to +125 c dhvqfn16 plastic dual-in line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 74hct4052 74hct4052d ? 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74hct4052db ? 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74hct4052n ? 40 c to +125 c dip16 plastic dual in-line package; 16 leads (300 mil) sot38-4 74HCT4052PW ? 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74hct4052bq ? 40 c to +125 c dhvqfn16 plastic dual-in line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 fig 1. logic symbol fig 2. iec logic symbol 001aah82 4 1z 13 s0 s1 e 10 9 6 2z 3 2y3 2y2 2y1 2y0 1y3 1y2 1y1 1y0 4 2 5 1 11 15 14 12 001aah82 5 1 0 g4 mdx 0 3 4 3 2 1 0 4 2 5 1 11 15 14 12 10 9 6 3 13
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 3 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 3. schematic diagram (one switch) mnb04 3 from logic v cc v ee v ee v cc v cc v ee nyn nz v cc fig 4. functional diagram 001aah872 1-of-4 decoder logic level conversion 7 8 v ee v ss v dd 12 13 16 3 14 15 11 10 9 6 s0 s1 e 1 5 2 1y0 1z 2z 1y1 1y2 1y3 2y0 2y1 2y2 2y3 4
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 4 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 6. pinning information 6.1 pinning 6.2 pin description (1) the die substrate is attached to this pad using conductive die attach mate rial. it can not be used as supply pin or input. fig 5. pin configuratio n for dip16, so16 and (t)ssop16 fig 6. pin configuration for dhvqfn16 74hc4052 74hct4052 2y0 v cc 2y2 1y2 2z 1y1 2y3 1z 2y1 1y0 e 1y3 v ee s0 gnd s1 001aah822 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 001aah82 3 74hc4052 74hct4052 v ee v cc (1) s0 e 1y3 2y1 1y0 2y3 1z 2z 1y1 2y2 1y2 gnd s1 2y0 v cc transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area table 2. pin description symbol pin description 2y0 1 independent input or output 2y0 2y2 2 independent input or output 2y2 2z 3 common input or output 2 2y3 4 independent input or output 2y3 2y1 5 independent input or output 2y1 e 6 enable input (active low) v ee 7 negative supply voltage gnd 8 ground (0 v) s1 9 select logic input 1 s0 10 select logic input 0 1y3 11 independent input or output 1y3 1y0 12 independent input or output 1y0 1z 13 common input or output 1 1y1 14 independent input or output 1y1 1y2 15 independent input or output 1y2 v cc 16 positive supply voltage
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 5 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 7. functional description 7.1 function table [1] h = high voltage level; l = low voltage level; x = don?t care. 8. limiting values [1] to avoid drawing v cc current out of pins nz, when switch current flows in pins nyn, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into pins nz, no v cc current will flow out of pins nyn. in this case there is no limit for the voltage drop across the switch, but the vo ltages at pins nyn and nz may not exceed v cc or v ee . [2] for dip16 packages: above 70 c the value of p tot derates linearly with 12 mw/k. [3] for so16 packages: above 70 c the value of p tot derates linearly with 8 mw/k. for ssop16 and tssop16 packages: above 60 c the value of p tot derates linearly with 5.5 mw/k. for dhvqfn16 packages: above 60 c the value of p tot derates linearly with 4.5 mw/k. table 3. function table [1] input channel on e s1 s0 lllny0 and nz l l h ny1 and nz lhlny2 and nz l hhny3 and nz h x x none table 4. limiting values in accordance with the absolute ma ximum rating system (iec 60134). voltages are referenced to v ee = gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage [1] ? 0.5 +11.0 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5v - 20 ma i sk switch clamping current v sw < ? 0.5 v or v sw >v cc +0.5v - 20 ma i sw switch current ? 0.5 v < v sw 74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 6 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 9. recommended operating conditions table 5. recommended operating conditions symbol parameter conditions 74hc4052 74hct4052 unit min typ max min typ max v cc supply voltage see figure 7 and figure 8 v cc ? gnd 2.0 5.0 10.0 4.5 5.0 5.5 v v cc ? v ee 2.0 5.0 10.0 2.0 5.0 10.0 v v i input voltage gnd - v cc gnd - v cc v v sw switch voltage v ee -v cc v ee -v cc v t amb ambient temperature ? 40 +25 +125 ? 40 +25 +125 c t/ v input transition rise and fall rate v cc = 2.0 v - - 625 - - - ns/v v cc = 4.5 v - 1.67 139 - 1.67 139 ns/v v cc =6.0v - - 83 - - - ns/v v cc = 10.0 v - - 31 - - - ns/v fig 7. guaranteed operating area as a function of the supply voltages for 74hc4052 fig 8. guaranteed operating area as a function of the supply voltages for 74hct4052 mnb044 04 12 12 0 4 8 8 operating area v cc ? v ee (v) v cc ? gnd (v) mnb045 0 12 6 10 8 2 4 04 12 8 operating area v cc ? v ee (v) v cc ? gnd (v)
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 7 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 10. static characteristics table 6. r on resistance per switch for 74hc4052 and 74hct4052 v i = v ih or v il ; for test circuit see figure 9 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. for 74hc4052: v cc ? gnd or v cc ? v ee = 2.0 v, 4.5 v, 6.0 v and 9.0 v. for 74hct4052: v cc ? gnd = 4.5 v and 5.5 v, v cc ? v ee = 2.0 v, 4.5 v, 6.0 v and 9.0 v. symbol parameter conditions min typ max unit t amb = ? 40 cto+85 c [1] r on(peak) on resistance (peak) v is =v cc to v ee v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] --- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a-100225 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a-90200 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a-70165 r on(rail) on resistance (rail) v is =v ee v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] -150- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a-80175 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a-70150 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a-60130 v is =v cc v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] -150- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a-90200 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a-80175 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a-65150 r on on resistance mismatch between channels v is =v cc to v ee v cc = 2.0 v; v ee = 0 v [2] --- v cc = 4.5 v; v ee = 0 v - 9 - v cc = 6.0 v; v ee = 0 v - 8 - v cc = 4.5 v; v ee = ? 4.5 v - 6 - t amb = ? 40 c to +125 c r on(peak) on resistance (peak) v is =v cc to v ee v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] --- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a --270 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a --240 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a --195
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 8 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] all typical values are measured at t amb =25 c. [2] when supply voltages (v cc ? v ee ) near 2.0 v the analog switch on resistance be comes extremely non-linear. when using a supply of 2 v, it is recommended to use these devic es only for transmitting digital signals. r on(rail) on resistance (rail) v is =v ee v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] --- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a --210 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a --180 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a --160 v is =v cc v cc = 2.0 v; v ee = 0 v; i sw = 100 a [2] --- v cc = 4.5 v; v ee = 0 v; i sw = 1000 a --240 v cc = 6.0 v; v ee = 0 v; i sw = 1000 a --210 v cc = 4.5 v; v ee = ? 4.5 v; i sw = 1000 a --180 table 6. r on resistance per switch for 74hc4052 and 74hct4052 ?continued v i = v ih or v il ; for test circuit see figure 9 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. for 74hc4052: v cc ? gnd or v cc ? v ee = 2.0 v, 4.5 v, 6.0 v and 9.0 v. for 74hct4052: v cc ? gnd = 4.5 v and 5.5 v, v cc ? v ee = 2.0 v, 4.5 v, 6.0 v and 9.0 v. symbol parameter conditions min typ max unit v is =0vto(v cc ? v ee ). v is =0vto(v cc ? v ee ). (1) v cc =4.5v (2) v cc =6v (3) v cc =9v fig 9. test circuit for measuring r on fig 10. typical r on as a function of input voltage v is v 001aah82 6 nyn sn from select input nz gnd v ee v cc v is i sw v sw v is (v) 0 9.0 7.2 3.6 5.4 1.8 001aai068 40 60 20 80 100 r on ( ) 0 (1) (2) (3) r on v sw i sw -------- - =
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 9 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer table 7. static characteristics for 74hc4052 voltages are referenced to gnd (ground = 0 v). v is is the input voltage at pins nyn or nz, whichever is assigned as an input. v os is the output voltage at pins nz or nyn, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = ? 40 cto+85 c [1] v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v v cc = 9.0 v 6.3 4.7 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.8 v v cc = 9.0 v - 4.3 2.7 v i i input leakage current v ee = 0 v; v i =v cc or gnd v cc = 6.0 v - - 1.0 a v cc = 10.0 v - - 2.0 a i s(off) off-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 11 per channel - - 1.0 a all channels - - 2.0 a i s(on) on-state leakage current v i =v ih or v il ; | v sw | =v cc ? v ee ; v cc = 10.0 v; v ee = 0 v; see figure 12 -- 2.0 a i cc supply current v ee = 0 v; v i =v cc or gnd; v is =v ee or v cc ; v os =v cc or v ee v cc = 6.0 v - - 80.0 a v cc = 10.0 v - - 160.0 a c i input capacitance - 3.5 - pf c sw switch capacitance independent pins nyn - 5 - pf common pins nz - 12 - pf t amb = ? 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v cc = 9.0 v 6.3 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v cc = 9.0 v - - 2.7 v i i input leakage current v ee = 0 v; v i =v cc or gnd v cc = 6.0 v - - 1.0 a v cc = 10.0 v - - 2.0 a
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 10 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] all typical values are measured at t amb =25 c. i s(off) off-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 11 per channel - - 1.0 a all channels - - 2.0 a i s(on) on-state leakage current v i =v ih or v il ; | v sw | =v cc ? v ee ; v cc = 10.0 v; v ee = 0 v; see figure 12 -- 2.0 a i cc supply current v ee = 0 v; v i =v cc or gnd; v is =v ee or v cc ; v os =v cc or v ee v cc = 6.0 v - - 160.0 a v cc = 10.0 v - - 320.0 a table 7. static characteristics for 74hc4052 ?continued voltages are referenced to gnd (ground = 0 v). v is is the input voltage at pins nyn or nz, whichever is assigned as an input. v os is the output voltage at pins nz or nyn, whichever is assigned as an output. symbol parameter conditions min typ max unit table 8. static characteristics for 74hct4052 voltages are referenced to gnd (ground = 0 v). v is is the input voltage at pins nyn or nz, whichever is assigned as an input. v os is the output voltage at pins nz or nyn, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = ? 40 cto+85 c [1] v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 v i i input leakage current v i =v cc or gnd; v cc = 5.5 v; v ee = 0 v - - 1.0 a i s(off) off-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 11 per channel - - 1.0 a all channels - - 2.0 a i s(on) on-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 12 -- 2.0 a i cc supply current v i =v cc or gnd; v is =v ee or v cc ; v os =v cc or v ee v cc = 5.5 v; v ee = 0 v - - 80.0 a v cc = 5.0 v; v ee = ? 5.0 v - - 160.0 a i cc additional supply current per input; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; v ee = 0 v - 45 202.5 a c i input capacitance - 3.5 - pf c sw switch capacitance independent pins nyn - 5 - pf common pins nz - 12 - pf t amb = ? 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 11 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] all typical values are measured at t amb =25 c. v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v i i input leakage current v i =v cc or gnd; v cc = 5.5 v; v ee = 0 v - - 1.0 a i s(off) off-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 11 per channel - - 1.0 a all channels - - 2.0 a i s(on) on-state leakage current v cc = 10.0 v; v ee = 0 v; v i =v ih or v il ; | v sw | =v cc ? v ee ; see figure 12 -- 2.0 a i cc supply current v i =v cc or gnd; v is =v ee or v cc ; v os =v cc or v ee v cc = 5.5 v; v ee = 0 v - - 160.0 a v cc = 5.0 v; v ee = ? 5.0 v - - 320.0 a i cc additional supply current per input; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; v ee = 0 v - - 220.5 a table 8. static characteristics for 74hct4052 ?continued voltages are referenced to gnd (ground = 0 v). v is is the input voltage at pins nyn or nz, whichever is assigned as an input. v os is the output voltage at pins nz or nyn, whichever is assigned as an output. symbol parameter conditions min typ max unit v is = v cc and v os = v ee . v is = v ee and v os = v cc . fig 11. test circuit for measuring off-state current 001aan38 3 yn sn from select input z gnd v ee v cc v is v os i sw a i sw a v is = v cc and v os = open-circuit. v is = v ee and v os = open-circuit. fig 12. test circuit for measuring on-state current i sw a 001aan38 4 yn sn high from select input z gnd v ee v cc v is v os
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 12 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 11. dynamic characteristics table 9. dynamic characteristics for 74hc4052 gnd = 0 v; t r =t f =6ns; c l = 50 pf; for test circuit see figure 15 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = ? 40 cto+85 c [1] t pd propagation delay v is to v os ; r l = ; see figure 13 [2] v cc = 2.0 v; v ee = 0 v - 14 75 ns v cc = 4.5 v; v ee =0 v - 5 15 ns v cc = 6.0 v; v ee =0 v - 4 13 ns v cc = 4.5 v; v ee = ? 4.5 v - 4 10 ns t on turn-on time e , sn to v os ; r l = ? ; see figure 14 [3] v cc = 2.0 v; v ee = 0 v - 105 405 ns v cc = 4.5 v; v ee = 0 v - 38 81 ns v cc = 5.0 v; v ee =0 v; c l = 15 pf - 28 - ns v cc = 6.0 v; v ee = 0 v - 30 69 ns v cc = 4.5 v; v ee = ? 4.5 v - 26 58 ns t off turn-off time e , sn to v os ; r l =1 k ; see figure 14 [4] v cc = 2.0 v; v ee = 0 v - 74 315 ns v cc = 4.5 v; v ee = 0 v - 27 63 ns v cc = 5.0 v; v ee =0 v; c l = 15 pf - 21 - ns v cc = 6.0 v; v ee = 0 v - 22 54 ns v cc = 4.5 v; v ee = ? 4.5 v - 22 48 ns c pd power dissipation capacitance per switch; v i = gnd to v cc [5] -57- pf t amb = ? 40 c to +125 c t pd propagation delay v is to v os ; r l = ; see figure 13 [2] v cc = 2.0 v; v ee =0 v - - 90 ns v cc = 4.5 v; v ee =0 v - - 18 ns v cc = 6.0 v; v ee =0 v - - 15 ns v cc = 4.5 v; v ee = ? 4.5 v - - 12 ns t on turn-on time e , sn to v os ; r l = ? ; see figure 14 [3] v cc = 2.0 v; v ee =0 v - - 490 ns v cc = 4.5 v; v ee =0 v - - 98 ns v cc = 6.0 v; v ee =0 v - - 83 ns v cc = 4.5 v; v ee = ? 4.5 v - - 69 ns
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 13 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] all typical values are measured at t amb =25 c. [2] t pd is the same as t phl and t plh . [3] t on is the same as t pzh and t pzl . [4] t off is the same as t phz and t plz . [5] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd v cc 2 f i n + {(c l +c sw ) v cc 2 f o } where: f i = input frequency in mhz; f o = output frequency in mhz; n = number of inputs switching; {(c l +c sw ) v cc 2 f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. t off turn-off time e , sn to v os ; r l =1 k ; see figure 14 [4] v cc = 2.0 v; v ee =0 v - - 375 ns v cc = 4.5 v; v ee =0 v - - 75 ns v cc = 6.0 v; v ee =0 v - - 64 ns v cc = 4.5 v; v ee = ? 4.5 v - - 57 ns table 9. dynamic characteristics for 74hc4052 ?continued gnd = 0 v; t r =t f =6ns; c l = 50 pf; for test circuit see figure 15 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. symbol parameter conditions min typ max unit table 10. dynamic characteristics for 74hct4052 gnd = 0 v; t r =t f =6ns; c l = 50 pf; for test circuit see figure 15 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = ? 40 cto+85 c [1] t pd propagation delay v is to v os ; r l = ? ; see figure 13 [2] v cc = 4.5 v; v ee =0 v - 5 15 ns v cc = 4.5 v; v ee = ? 4.5 v - 4 10 ns t on turn-on time e , sn to v os ; r l =1 k ; see figure 14 [3] v cc = 4.5 v; v ee = 0 v - 41 88 ns v cc = 5.0 v; v ee =0 v; c l = 15 pf - 18 - ns v cc = 4.5 v; v ee = ? 4.5 v - 28 60 ns t off turn-off time e , sn to v os ; r l =1 k ; see figure 14 [4] v cc = 4.5 v; v ee = 0 v - 26 63 ns v cc = 5.0 v; v ee =0 v; c l = 15 pf - 13 - ns v cc = 4.5 v; v ee = ? 4.5 v - 21 48 ns c pd power dissipation capacitance per switch; v i = gnd to v cc ? 1.5 v [5] -57- pf
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 14 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] all typical values are measured at t amb =25 c. [2] t pd is the same as t phl and t plh . [3] t on is the same as t pzh and t pzl . [4] t off is the same as t phz and t plz . [5] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd v cc 2 f i n + {(c l +c sw ) v cc 2 f o } where: f i = input frequency in mhz; f o = output frequency in mhz; n = number of inputs switching; {(c l +c sw ) v cc 2 f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. t amb = ? 40 c to +125 c t pd propagation delay v is to v os ; r l = ? ; see figure 13 [2] v cc = 4.5 v; v ee =0 v --18ns v cc = 4.5 v; v ee = ? 4.5 v - - 12 ns t on turn-on time e , sn to v os ; r l =1 k ; see figure 14 [3] v cc = 4.5 v; v ee =0 v --105ns v cc = 4.5 v; v ee = ? 4.5 v - - 72 ns t off turn-off time e , sn to v os ; r l =1 k ; see figure 14 [4] v cc = 4.5 v; v ee =0 v --75ns v cc = 4.5 v; v ee = ? 4.5 v - - 57 ns table 10. dynamic characteristics for 74hct4052 ?continued gnd = 0 v; t r =t f =6ns; c l = 50 pf; for test circuit see figure 15 . v is is the input voltage at a nyn or nz terminal, whichever is assigned as an input. v os is the output voltage at a nyn or nz termi nal, whichever is assigned as an output. symbol parameter conditions min typ max unit fig 13. input (v is ) to output (v os ) propagation delays 001aad55 5 t plh t phl 50 % 50 % v is input v os output
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 15 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer for 74hc4052: v m =0.5 v cc . for 74hct4052: v m =1.3v. fig 14. turn-on and turn-off times 001aae33 0 t plz t phz switch off switch on switch on v os output v os output e, sn inputs v m v i 0 v 90 % 10 % t pzl t pzh 50 % 50 % definitions for test circuit; see table 11 : r t = termination resistance should be equal to the output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 15. test circuit for me asuring ac performance v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae38 2 v cc v cc open gnd v ee v i v os dut c l r t r l s1 pulse generator v is
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 16 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer [1] t r = t f = 6 ns; when measuring f max , there is no constraint to t r and t f with 50 % duty factor. [2] v i values: a) for 74hc4052: v i = v cc b) for 74hct4052: v i = 3 v 12. additional dynamic characteristics [1] adjust input voltage v is to 0 dbm level (0 dbm = 1 mw into 600 ). [2] adjust input voltage v is to 0 dbm level at v os for 1 mhz (0 dbm = 1 mw into 50 ). table 11. test data test input load s1 position v i v is t r , t f c l r l at f max other [1] t phl , t plh [2] pulse < 2 ns 6 ns 50 pf 1 k open t pzh , t phz [2] v cc < 2 ns 6 ns 50 pf 1 k v ee t pzl , t plz [2] v ee < 2 ns 6 ns 50 pf 1 k v cc table 12. additional dynamic characteristics recommended conditions and typical values; gnd = 0 v; t amb =25 c; c l =50pf. v is is the input voltage at pins nyn or nz, whichever is assigned as an input. v os is the output voltage at pins nyn or nz, whichever is assigned as an output. symbol parameter conditions min typ max unit d sin sine-wave distortion f i = 1 khz; r l =10k ; see figure 16 v is = 4.0 v (p-p); v cc = 2.25 v; v ee = ? 2.25 v - 0.04 - % v is = 8.0 v (p-p); v cc = 4.5 v; v ee = ? 4.5 v - 0.02 - % f i =10khz; r l =10k ; see figure 16 v is = 4.0 v (p-p); v cc = 2.25 v; v ee = ? 2.25 v - 0.12 - % v is = 8.0 v (p-p); v cc = 4.5 v; v ee = ? 4.5 v - 0.06 - % iso isolation (off-state) r l = 600 ; f i = 1 mhz; see figure 17 v cc = 2.25 v; v ee = ? 2.25 v [1] - ? 50 - db v cc = 4.5 v; v ee = ? 4.5 v [1] - ? 50 - db xtalk crosstalk between two switches/multiplexers; r l = 600 ; f i = 1 mhz; see figure 18 v cc = 2.25 v; v ee = ? 2.25 v [1] - ? 60 - db v cc = 4.5 v; v ee = ? 4.5 v [1] - ? 60 - db v ct crosstalk voltage peak-to-peak value; between control and any switch; r l =600 ; f i = 1 mhz; e or sn square wave between v cc and gnd; t r =t f =6ns; see figure 19 v cc = 4.5 v; v ee =0 v - 110 - mv v cc = 4.5 v; v ee = ? 4.5 v - 220 - mv f ( ? 3db) ? 3 db frequency response r l =50 ; see figure 20 v cc = 2.25 v; v ee = ? 2.25 v [2] -170- mhz v cc = 4.5 v; v ee = ? 4.5 v [2] -180- mhz
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 17 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 16. test circuit for measuring sine-wave distortion db 001aah82 9 nyn/nz 10 f v is v os nz/nyn c l r l sn gnd v ee v cc v cc = 4.5 v; gnd = 0 v; v ee = ? 4.5 v; r l = 600 ; r s =1k . a. test circuit b. isolation (off-state) as a function of frequency fig 17. test circuit for measuring isolation (off-state) db 001aah87 1 nyn/nz 0.1 f v is v os nz/nyn c l r l sn gnd v ee v cc 001aae332 f i (khz) 10 10 5 10 6 10 4 10 2 10 3 ? 60 ? 40 ? 80 ? 20 0 iso (db) ? 100
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 18 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 18. test circuits for measuring crosst alk between any two sw itches/multiplexers db 001aah87 3 nyn/nz v os nz/nyn c l r l r l sn gnd v ee v cc nyn/nz 0.1 f v is nz/nyn c l r l r l sn gnd v ee v cc fig 19. test circuit for measuring crosst alk between control input and any switch oscilloscope 001aah91 3 nyn v ct nz 2r l 2r l 2r l 2r l sn, e gnd v ee v cc g
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 19 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer v cc = 4.5 v; gnd = 0 v; v ee = ? 4.5 v; r l =50 ; r s =1k . a. test circuit b. typical frequency response fig 20. test circuit for frequency response db 001aah82 9 nyn/nz 10 f v is v os nz/nyn c l r l sn gnd v ee v cc 001aad551 f (khz) 10 10 5 10 6 10 4 10 2 10 3 ? 1 1 ? 3 3 5 v os (db) ? 5
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 20 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 13. package outline fig 21. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale s o16: plastic small outline package; 16 leads; body width 3.9 mm sot109 -1
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 21 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 22. package outline sot338-1 (ssop16) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 7.9 7.6 1.03 0.63 0.9 0.7 1.00 0.55 8 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot338-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale s sop16: plastic shrink small outline package; 16 leads; body width 5.3 mm sot338 -1 a max. 2
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 22 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 23. package outline sot38-4 (dip16) references outline version european projection issue date iec jedec jeita sot38-4 95-01-14 03-02-13 m h c (e ) 1 m e a l seating plane a 1 w m b 1 b 2 e d a 2 z 16 1 9 8 e pin 1 index b 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. unit a max. 12 b 1 (1) (1) (1) b 2 cd e e m z h l mm dimensions (inch dimensions are derived from the original mm dimensions) a min. a max. b max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 0.76 4.2 0.51 3.2 inches 0.068 0.051 0.021 0.015 0.014 0.009 1.25 0.85 0.049 0.033 0.77 0.73 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.03 0.17 0.02 0.13 d ip16: plastic dual in-line package; 16 leads (300 mil) sot38 -4
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 23 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 24. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403 -1 a max. 1.1 pin 1 index
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 24 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer fig 25. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763 -1 d hvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 1 6 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 25 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 14. abbreviations 15. revision history table 13. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model table 14. revision history document id release date data sheet status change notice supersedes 74hc_hct4052 v.8 20110511 product data sheet - 74hc_hct4052 v.7 modifications: ? conditions figure 17 corrected for r l (errata) 74hc_hct4052 v.7 20110112 product data sheet - 74hc_hct4052 v.6 modifications: ? input transition rise and fall rate corrected to family standards (errata). 74hc_hct4052 v.6 20100111 product data sheet - 74hc_hct4052 v.5 modifications: ? added type number 74HCT4052PW (tssop16 / sot403-1 package). 74hc_hct4052 v.5 20080505 product data sheet - 74hc_hct4052 v.4 74hc_hct4052 v.4 20041111 product specification - 74hc_hct4052 v.3 74hc_hct4052 v.3 20030516 product s pecification - 74hc_hct4052_cnv v.2 74hc_hct4052_cnv v.2 19901201 - - -
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 26 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74hc_hct4052 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 8 ? 11 may 2011 27 of 28 nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc4052; 74hct4052 dual 4-channel analog multiplexer/demultiplexer ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 11 may 2011 document identifier: 74hc_hct4052 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 5 7.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . 12 12 additional dynamic characteristics . . . . . . . . 16 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 20 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 25 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 25 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 26 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 26 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 27 17 contact information. . . . . . . . . . . . . . . . . . . . . 27 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28


▲Up To Search▲   

 
Price & Availability of 74HCT4052PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X